PART |
Description |
Maker |
1PMT5920BT1 1PMT5920BT3 1PMT5941BT3 1PMT5920B 1PMT |
3.2 Watt Plastic Surface Mount POWERMITE Package 3.2 Watt Plastic Surface Mount POWERMITE Package 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 3.2 Watt Plastic Surface Mount POWERMITE Package 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 3.2 Watt Plastic Surface Mount POWERMITE Package 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 16V 3.2W Zener Diode 6.8V 3.2W Zener Diode 7.5V 3.2W Zener Diode 8.2V 3.2W Zener Diode 9.1V 3.2W Zener Diode 10V 3.2W Zener Diode 12V 3.2W Zener Diode 18V 3.2W Zener Diode 47V 3.2W Zener Diode 27V 3.2W Zener Diode 22V 3.2W Zener Diode 24V 3.2W Zener Diode 30V 3.2W Zener Diode 39V 3.2W Zener Diode 3.2 Watt Plastic Surface Mount POWERMITE? Package
|
ONSEMI[ON Semiconductor]
|
1SMB5953BT3 1SMB5945BT3 1SMB5948BT 1SMB5954BT3 1SM |
PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS HEADER,10 CONTACT,1 surface mount silicon Zener diodes 130 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 3.9 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V / 5V, 160MHz 1:4 Outputs Clock Driver 33 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管 surface mount silicon Zener diodes 16 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 5.1 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V, 140MHz Mobile PC 1:7 Output Clock Driver with Edge Rate Control CONN TERM BLK GROUNDING 4.2MM AI10-12BN ER 24C 24#16 PIN RECP LINE 3 Watt Plastic Surface Mount Silicon Zener Diodes From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA [Motorola, Inc] MOTOROLA[Motorola, Inc]
|
IN4736A IN4732A IN4739A IN4748A IN4733A IN4757A IN |
Zeners 51V, 1W Zener Diode 1 Watt Zeners (IN4728A ~ IN4764A) Zeners Zeners 齐纳基准 5.1V, 1W Zener Diode 5.6V, 1W Zener Diode 3.3V, 1W Zener Diode 4.3V, 1W Zener Diode 7.5V, 1W Zener Diode 9.1V, 1W Zener Diode 8.2V, 1W Zener Diode 6.2V, 1W Zener Diode 4.7V, 1W Zener Diode 3.6V, 1W Zener Diode 3.9V, 1W Zener Diode 22V, 1W Zener Diode 43V, 1W Zener Diode 6.8V, 1W Zener Diode 16V, 1W Zener Diode 20V, 1W Zener Diode 13V, 1W Zener Diode 30V, 1W Zener Diode 18V, 1W Zener Diode 47V, 1W Zener Diode 36V, 1W Zener Diode 10V, 1W Zener Diode 56V, 1W Zener Diode 33V, 1W Zener Diode 15V, 1W Zener Diode 39V, 1W Zener Diode 11V, 1W Zener Diode 27V, 1W Zener Diode 12V, 1W Zener Diode 12 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 30 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 24V, 1W Zener Diode COLOR BAND DENOTES CATHODE
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
1SMB5930 1SMB5941 1SMB5940 1SMB5927 1SMB5950 1SMB5 |
22 V, 1.5 W, surface mount silicon zener diode 33 V, 1.5 W, surface mount silicon zener diode UMK-SE11,25-1 CONN, HEADER, 8PIN, SGL ROW, 0.138"LS, RTANGL, PCB MNT 表面贴装硅稳压二极管 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 27 V, 1.5 W, surface mount silicon zener diode
|
TRANSYS Electronics Limited Transys Electronics Ltd. Transys Electronics, Ltd. TRSYS
|
1N5226B-LCC3 1N5242B-LCC3 1N5241B-LCC3 1N5244B-LCC |
5.1V, 0.02A Reference diode MSTBW 2.5/13-G FKC 2.5/3-STF FAN 24VDC SPRINT ST24A3 MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-15 INSERT ARRANGEMENT, RECEPTACLE GENDER, 35 CONTACTS Cabinet Rack; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-19 INSERT ARRANGEMENT, RECEPTACLE GENDER, 10 CONTACTS ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 160 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Power Supply 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 56 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Battery, Lead-Acid, Sealed, Flame Retardant, Rechargeable, NPX ser. 12V, 150 WPC - 1.67VPC 15 Min - FR 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
http:// SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Coilcraft, Inc. SEMELAB LTD
|
1N5232A 1N5221A 1N5221B 1N5221C 1N5221D 1N5270B 1N |
22 V, 5.6 mA, zener diode 13 V, 9.5 mA, zener diode 36 V, 3.4 mA, zener diode 3.3 V, 20 mA, zener diode 30 V, 4.2 mA, zener diode 15 V, 8.5 mA, zener diode 8.7 V, 20 mA, zener diode 2.5 V, 20 mA, zener diode 62 V, 2.0 mA, zener diode 3.3 V, 20 mA, zener diode 19 V, 6.6 mA, zener diode 33 V, 3.8 mA, zener diode 56 V, 2.2 mA, zener diode 11 V, 20 mA, zener diode 28 V, 4.5 mA, zener diode 24 V, 5.2 mA, zener diode 60 V, 2.1 mA, zener diode 60 V, 2.1 mA, zener diode 39 V, 3.2 mA, zener diode 39 V, 3.2 mA, zener diode 17 V, 7.4 mA, zener diode 14 V, 9.0 mA, zener diode 12 V, 20 mA, zener diode 18 V, 7.0 mA, zener diode 5.6 V, 20 mA, zener diode 82 V, 1.5 mA, zener diode 87 V, 1.4 mA, zener diode 4.7 V, 20 mA, zener diode 47 V, 2.7 mA, zener diode 7.5 V, 20 mA, zener diode 110 V, 1.1 mA, zener diode 2.8 V, 20 mA, zener diode 24 V, 5.2 mA, zener diode 28 V, 4.5 mA, zener diode 25 V, 5.0 mA, zener diode 1N52 SERIES ZENER DIODES FKC 2.5/6-STF Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 2.5 V, 20 mA, zener diode 36 V, 3.4 mA, zener diode 9.1 V, 20 mA, zener diode 11 V, 20 mA, zener diode 62 V, 2.0 mA, zener diode 110 V, 1.1 mA, zener diode 3.9 V, 20 mA, zener diode 82 V, 1.5 mA, zener diode 16 V, 7.8 mA, zener diode 12 V, 20 mA, zener diode 3.9 V, 20 mA, zener diode 43 V, 3.0 mA, zener diode 68 V, 1.8 mA, zener diode 68 V, 1.8 mA, zener diode 56 V, 2.2 mA, zener diode 30 V, 4.2 mA, zener diode 43 V, 3.0 mA, zener diode 6.2 V, 20 mA, zener diode 3.0 V, 20 mA, zener diode 33 V, 3.8 mA, zener diode 14 V, 9.0 mA, zener diode 8.2 V, 20 mA, zener diode 2.8 V, 20 mA, zener diode 6.8 V, 20 mA, zener diode 75 V, 1.7 mA, zener diode 10 V, 20 mA, zener diode 47 V, 2.7 mA, zener diode 75 V, 1.7 mA, zener diode 51 V, 2.5 mA, zener diode 100 V, 1.3 mA, zener diode 8.7 V, 20 mA, zener diode 22 V, 5.6 mA, zener diode
|
LRC[Leshan Radio Company] 乐山无线电股份有限公 Leshan Radio Company, Ltd.
|
DZ23C24 DZ23C51 DZ23C3V0 DZ23C2V7 DZ23C DZ23C10 DZ |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 300 mW Dual Surface Mount Zener Diode(功率损00mW的表贴型齐纳二极 300毫瓦,表面安装双齐纳二极管(300mW的功率损耗的表贴型齐纳二极管 300 mW Dual Surface Mount Zener Diodes From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc. TFUNK[Vishay Telefunken] VISAY[Vishay Siliconix]
|
1N964B 1N991B 1N957B 1N957B_04 1N958B 1N959B 1N960 |
15V, 0.5W Zener Diode 33V, 0.5W Zener Diode 10V, 0.5W Zener Diode 12V, 0.5W Zener Diode 22V, 0.5W Zener Diode 18V, 0.5W Zener Diode 16V, 0.5W Zener Diode 6.8V, 0.5W Zener Diode 9.1V, 0.5W Zener Diode 7.5V, 0.5W Zener Diode Half Watt Zeners Zeners General Purpose Diodes
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BZX84C4V7T BZX84C30T BZX84C39T-7-F BZX84C36T-7-F B |
150mW SURFACE MOUNT ZENER DIODE surface mount silicon Zener diodes 39 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Diodes Incorporated Diodes, Inc.
|
BZX84C39 BZX84C8V2 BZX84C12 BZX84C33 BZX84C6V2 BZX |
300mW SURFACE MOUNT ZENER DIODE surface mount silicon Zener diodes 20 V, 0.33 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
DIODES[Diodes Incorporated] Diodes, Inc.
|
CMKTC825A |
SURFACE MOUNT ULTRAmini TEMPERATURE COMPENSATED SILICON ZENER DIODE announces the release of the CMKTC825A temperature compensated (TC) Zener diode packaged in a space saving ULTRAmini SOT-363 surface mount case.
|
CENTRAL[Central Semiconductor Corp]
|
|